Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4017BCN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4017BCN
Description  Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4017BCN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4017BCN Datasheet HTML 1Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 2Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 3Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 4Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 5Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 6Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 7Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD4017BC CD4022BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level
lIOl k 10 mA
Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 10V or 90V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level
lIOl k 10 mA
Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
02
b
016
b
036
b
012
mA
Current (Note 3)
VDD e 10V VO e 95V
b
05
b
04
b
09
b
03
mA
VDD e 15V VO e 135V
b
14
b
12
b
35
b
10
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides condtions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOL and IOH are tested one output at a time
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k trCL and tfCL e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL tPLH
Propagation Delay Time
Carry Out Line
VDD e 5V
415
800
ns
VDD e 10V
160
320
ns
VDD e 15V
130
250
ns
Carry Out Line
VDD e 5V
240
480
ns
VDD e 10V
CL e 15 pF
85
170
ns
VDD e 15V
(
70
140
ns
Decode Out Lines
VDD e 5V
500
1000
ns
VDD e 10V
200
400
ns
VDD e 15V
160
320
ns
tTLH tTHL
Transition Time Carry Out
and Decode Out Lines
tTLH
VDD e 5V
200
360
ns
VDD e 10V
100
180
ns
VDD e 15V
80
130
ns
tTHL
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
fCL
Maximum Clock Frequency
VDD e 5V
Measured with
10
2
MHz
VDD e 10V
Respect to Carry
25
5
MHz
VDD e 15V
(
Output Line
30
6
MHz
tWL tWH
Minimum Clock
VDD e 5V
125
250
ns
Pulse Width
VDD e 10V
45
90
ns
VDD e 15V
35
70
ns
trCL tfCL
Clock Rise and
VDD e 5V
20
m
s
Fall Time
VDD e 10V
15
m
s
VDD e 15V
5
m
s
tSU
Minimum Clock Inhibit
VDD e 5V
120
240
ns
Data Setup Time
VDD e 10V
40
80
ns
VDD e 15V
32
65
ns
CIN
Average Input Capacitance
5
75
pF
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com