Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4017BCN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4017BCN
Description  Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4017BCN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4017BCN Datasheet HTML 1Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 2Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 3Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 4Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 5Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 6Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 7Page - National Semiconductor (TI) CD4017BCN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k trCL and tfCL e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RESET OPERATION
tPHL tPLH
Propagation Delay Time
Carry Out Line
VDD e 5V
415
800
ns
VDD e 10V
160
320
ns
VDD e 15V
130
250
ns
Carry Out Line
VDD e 5V
240
480
ns
VDD e 10V
CL e 15 pF
85
170
ns
VDD e 15V
(
70
140
ns
Decode Out Lines
VDD e 5V
500
1000
ns
VDD e 10V
200
400
ns
VDD e 15V
160
320
ns
tW
Minimum Reset
VDD e 5V
200
400
ns
Pulse Width
VDD e 10V
70
140
ns
VDD e 15V
55
110
ns
tREM
Minimum Reset
VDD e 5V
75
150
ns
Removal Time
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
AC Parameters are guaranteed by DC correlated testing
Timing Diagrams
CD4017B
TLF5950 – 3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com