Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2173 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2173_13 Datasheet HTML 1Page - RF Micro Devices RF2173_13 Datasheet HTML 2Page - RF Micro Devices RF2173_13 Datasheet HTML 3Page - RF Micro Devices RF2173_13 Datasheet HTML 4Page - RF Micro Devices RF2173_13 Datasheet HTML 5Page - RF Micro Devices RF2173_13 Datasheet HTML 6Page - RF Micro Devices RF2173_13 Datasheet HTML 7Page - RF Micro Devices RF2173_13 Datasheet HTML 8Page - RF Micro Devices RF2173_13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RF2173
DS130620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or s
sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VAPC)
-0.5 to +3.0
V
DC Supply Current
2400
mA
Input RF Power
+13
dBm
Duty Cycle at Max Power
50
%
Output Load VSWR
10:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp =25°C, VCC=3.5V, VAPC=2.7V,
PIN=+6dBm, Freq=880MHz to 915MHz, 25%
Duty Cycle, pulse width=1154
Ps
Operating Frequency Range
880 to 915
MHz
See evaluation board schematic.
Usable Frequency Range
800 to 950
MHz
Maximum Output Power
+35.0
+36
dBm
Temp = 25°C, VCC=3.5V, VAPC=2.7V
+34.0
+35.2
dBm
Temp =+25°C, VCC=3.2V, VAPC=2.7V
+34.0
dBm
Temp =+85°C, VCC=3.2V, VAPC=2.7V
+33.0
+34.0
dBm
Temp = 25°C, VCC=2.7V, VAPC=2.7V
+32.5
dBm
Temp =+85°C, VCC=2.7V, VAPC=2.7V
Total Efficiency
50
56
%
At POUT,MAX, VCC=3.2V
56
%
At POUT,MAX, VCC=3.0V
12
%
POUT=+20dBm
5%
POUT=+10dBm
Input Power for Max Output
+4
+6
+8
dBm
Output Noise Power
-72
dBm
RBW =100kHz, 925MHz to 935MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX, VCC=3.0V to 5.0V
-81
dBm
RBW = 100 kHz, 935 MHz to 960 MHz,
POUT,MIN<POUT<POUT,MAX,
PIN,MIN<PIN<PIN,MAX, VCC=3.0V to 5.0V
Forward Isolation
-45
-40
dBm
VAPC=0.2V, PIN=+6dBm
-30
dBm
VAPC=0.2V, PIN=+8dBm
Second Harmonic
-50
-38
dBc
Third Harmonic
-65
-43
dBc
All Other Non-Harmonic
Spurious
-36
dBm
Input Impedance
50
:
Optimum Source Impedance
40+j10
:
For best noise performance
Input VSWR
2.5:1
POUT,MAX-5dB<POUT<POUT,MAX
4:1
POUT<POUT,MAX-5dB
Output Load VSWR
10:1
Spurious<-36 dBm, VAPC=0.2V to 2.7V,
RBW =100kHz
Output Load Impedance
1.5- j1.7
:
Load Impedance presented at RF OUT pad
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com