Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2173 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2173_13 Datasheet HTML 5Page - RF Micro Devices RF2173_13 Datasheet HTML 6Page - RF Micro Devices RF2173_13 Datasheet HTML 7Page - RF Micro Devices RF2173_13 Datasheet HTML 8Page - RF Micro Devices RF2173_13 Datasheet HTML 9Page - RF Micro Devices RF2173_13 Datasheet HTML 10Page - RF Micro Devices RF2173_13 Datasheet HTML 11Page - RF Micro Devices RF2173_13 Datasheet HTML 12Page - RF Micro Devices RF2173_13 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 of 13
RF2173
DS130620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or s
sales-support@rfmd.com.
Evaluation Board Schematic
C21
120 pF
C5
1 nF
C19
3.3 uF
1
16
15
14
13
3
4
9
8
7
6
5
12
11
10
2
C14
33 pF
C17
1 nF
C24
10 nF
C13
33 pF
J3
VAPC
C15
33 pF
C22
1 nF
VCC
C23
10 nF
VAPC
C16
1 nF
C25
10 nF
L1
10 nH
C11
33 pF
VCC
C12
1 nF
C1
1 nF
R2
180
:
J1
RF IN
50
: Pstrip
50
: Pstrip
VCC
C2
33 pF
J2
RF OUT
VCC
C9
33 pF
C8
1 nF
P1
1
2
3
4
5
CON5
NC
GND
P1-4
VCC
P1-3
VCC
GND
C20
3.3 uF
+
L2
8.8 nH
50
: Pstrip
C18
3.3 uF
+
2173400C
C7
3.3 uF
C3
9 pF
C10
0.9 pF
C6
14 pF
C4
6.2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com