Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2374 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices RF2374 Datasheet HTML 10Page - RF Micro Devices RF2374 Datasheet HTML 11Page - RF Micro Devices RF2374 Datasheet HTML 12Page - RF Micro Devices RF2374 Datasheet HTML 13Page - RF Micro Devices RF2374 Datasheet HTML 14Page - RF Micro Devices RF2374 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CDMA Data
Gain
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
850
860
870
880
890
900
910
920
930
940
Frequency (MHz)
Vcc = 3 V Vref = 3 V
Vcc = 3.6 V Vref = 3 V
Vcc = 3.6 V Vref = 3.6 V
Vcc = 5 V Vref = 3 V
Vcc = 5 V Vref = 3.6 V
OIP3
20
21
22
23
24
25
26
27
28
29
30
850
860
870
880
890
900
910
920
930
940
Frequency (MHz)
Vcc = 3 V Vref = 3 V
Vcc = 3.6 V Vref = 3 V
Vcc = 3.6 V Vref = 3.6 V
Vcc = 5 V Vref = 3 V
Vcc = 5 V Vref = 3.6 V
IIP3
0
1
2
3
4
5
6
7
8
9
10
850
860
870
880
890
900
910
920
930
940
Frequency (MHz)
Vcc = 3 V Vref = 3 V
Vcc = 3.6 V Vref = 3 V
Vcc = 3.6 V Vref = 3.6 V
Vcc = 5 V Vref = 3 V
Vcc = 5 V Vref = 3.6 V
OP1dB
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
850
860
870
880
890
900
910
920
930
940
Frequency (MHz)
Vcc = 3 V Vref = 3 V
Vcc = 3.6 V Vref = 3 V
Vcc = 3.6 V Vref = 3.6 V
Vcc = 5 V Vref = 3 V
Vcc = 5 V Vref = 3.6 V
IP1dB
-15.0
-14.5
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
850
860
870
880
890
900
910
920
930
940
Frequency (MHz)
Vcc = 3 V Vref = 3 V
Vcc = 3.6 V Vref = 3 V
Vcc = 3.6 V Vref = 3.6 V
Vcc = 5 V Vref = 3 V
Vcc = 5 V Vref = 3.6 V
Noise Figure Over Frequency and Voltage
(VCC= 3V to 5V; VREF= 3V to 3.6V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
860
930
860
930
860
930
860
930
860
930
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com