Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2374 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2374 Datasheet HTML 1Page - RF Micro Devices RF2374 Datasheet HTML 2Page - RF Micro Devices RF2374 Datasheet HTML 3Page - RF Micro Devices RF2374 Datasheet HTML 4Page - RF Micro Devices RF2374 Datasheet HTML 5Page - RF Micro Devices RF2374 Datasheet HTML 6Page - RF Micro Devices RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Input RF Level at F<2.3GHz
+5 (see note)
dBm
Input RF Level at F>2.3GHz
+10 (see note)
dBm
Current Drain, ICC
32
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
NOTE: Exceeding any one or a combination of the above maximum rating
limits may cause permanent damage. Input RF transients to +15dBm will not
harm the device. For sustained operation at inputs >+5dBm, a small dropping
resistor is recommended in series with the VCC in order to limit the current due
to self-biasing to <32mA. Furthermore, while the LNA is in Bypass Mode, and
for sustained operation at the input, +10dBm is the maximum recommended
power level for Frequencies above 2300MHz. +5dBm is the maximum
recommended power level for Frequencies <2300MHz.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
TAMB=+25°C, VCC=3.0V
Frequency Range
50
4000
MHz
WiBRO/WiFi/WiMAX Low
Noise Amplifier
Frequency
2300
2700
MHz
HIGH GAIN MODE
Gain Select<0.8V, VREF=3V, T=+25°C
Gain
12.5
14.5
16.0
dB
Noise Figure
1.3
1.5
dB
Input IP3
+7
+9
dBm
IIP3 will improve if ICC is raised above 7mA.
IP1dB
0
dBm
Current Drain
7
mA
BYPASS MODE (Low Gain)
Gain Select>1.6V
Gain
-4.0
-3.0
-2.0
dB
Note: Bypass mode insertion loss will degrade
gradually as VCC goes below 2.7V.
Input IP3
+20
+21
dBm
Current Drain
2.8
3.0
mA
Current drain includes ICC+IREF
GPS Low Noise Amplifier
Frequency
1575
MHz
Gain
17.5
dB
ICC=6.5mA, ICC+IREF=7.5mA
Noise Figure
1.2
dB
Input IP3
+7.0
dBm
WiMAX Low Noise Amplifier
Frequency
3100
3500
3800
MHz
ICC=7mA
Gain
9.0
11.0
13.0
dB
Noise Figure
1.6
2.5
dB
Input IP3
+9.0
+10.0
dBm
IIP3 will improve if ICC is raised above 7mA.
BYPASS MODE (Low Gain)
Gain
-4.0
-3.0
-2.5
dB
Input IP3
20.5
22.0
dBm
Cau t ion! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical
performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied.
RoHS status based on EU Directive 2011/65/EU (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However,
no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for
any infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com