Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1468ZAE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5USB1468ZAE
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1468ZAE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5USB1468ZAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.pericom.com
P-0.1
10/03/13
PI5USB1468
USB Host Charger Controller IC PI5USB1468A
Figure 1: Test Circuit for Electrical Characteristics
Notes:
1. C
L = Load capacitance: includes jig and probe capacitance.
2. R
T = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, Z
O = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
Figure 2: Test Circuit for Dynamic Electrical Characteristics
LOGIC
INPUT
RL
300
D+/-
GND
SB
CL
VIN
NC
or Y+/-
VDD
CL
VDD
VOUT
35pF
-Ohm
INCLUDES FIXTURE AND STRAY CAPACITANCE
+
–
+
–
Diff. Near End Xtalk Test Circuit
Diff. Off Isolation Test Circuit
Diff. Insertion Loss and Return Test
Circuit
Figure 3: CDP - HS Eye Diagram
Figure 4: SDP - HS Eye Diagram
13-0147



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com