Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1468ZAE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5USB1468ZAE
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1468ZAE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5USB1468ZAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1468ZAE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.pericom.com
P-0.1
10/03/13
PI5USB1468
USB Host Charger Controller IC PI5USB1468A
Detailed Feature Description
Auto Dedicated Charging Mode enabled
When the PI5USB1468 (/A) is configured into auto mode with Auto dedicated charging mode enabled (see truth table to under-
stand how to configure into auto mode), the charger controller will manage all communication with external devices to enable
charging to occur. First, Pericom’s IC will use load sensing techniques to detect when a device has been plugged in.
Once a device is properly detected, the Pericom IC will automatically switch to the appropriate charging mode required for the
specific external USB device that was detected.
Mouse/Keyboard pass through mode Explanation
Today’s systems are enabled to wake up from S3 mode if a pre-enumerated mouse/keyboard has activity (movement or key-pressed).
In order for the system to continue supporting this feature, the USB host controller must be able to communicate with the external
device in S3 mode. Therefore, if a mouse/keyboard is detected (via the USB low-speed/ full-speed pass through feature), Pericom’s
PI5USB1468 family will enable the communication between device and controller. Our device will automatically pass the signals
through with minimal degradation.
Once SB/ signal goes from high to low (indicating system has changed from S0 to S3), Pericom's device will detect the external USB
device. If the device is detected as a mouse or keyboard (determined by looking at USB data-rate) we will ensure the connection
between the USB device and USB host remains in place.
Anti-Loop protection for HDD
This circuit prevents hard disk drive from turning on and off continously.
Auto Dedicated Charger mode description
During Pericom's Auto dedicated charger mode, we automatically detect and enable DCP charging modes for all popular USB
devices on the market.
DCP stands for Dedicated Charging Port. Per the Battery Charging Spec, DCP is described as a host charging mode whereas only
charging is allowed. Data transfer through USB, during DCP mode is not allowed. Per the Battery Charging Spec, the host charger
must short D+ to D-, and in turn the USB device will draw up to 1.5A.
Since the release of the Battery Charging Spec, certain mobile phone and tablet OEMs have released products with unique dedicated
charging modes. When Pericom's Auto dedicated charger mode is enabled, we can automatically switch between dedicated charging
modes per the Battery charging spec or other dedicated charging modes supported by specific OEMs.
CDP mode description
Charging Downstream Port (CDP) is the communication protocol found in host chargers capable of supplying up to 1.5A current to
charge external USB devices. The communication scheme is defined clearly in the USB Battery Charging Spec 1.2. A CDP link can
allow USB data to be transferred between the host charger and the external device as well as allow charging to occur. The actual
current draw is managed by the external device while the CDP only limits the max current draw to 1.5A. Pericom is able to fully
support this communication, which includes both a primary and secondary detection procedure.
BC 1.2 Suspend Charging (DCP)
The suspend-charge (DCP) mode defined in BC 1.2 is a manual-DCP-mode, is not exactly the same as the auto suspend-charge
mode in PI5USB1468/PI5USB1468A. In order to offer an accurate BC 1.2 suspend-charge (DCP) mode apply: "SB/" to 1 and “SEL”
pin with 1.25V, Power-off, then after re-power-on PI5USB1468/A.
13-0147



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com