Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
7
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Electrical Characteristics, Charging Controller
4.5V≤V
IN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=10kΩ, RILIM_HI=20kΩ, RILIM_LO=80.6kΩ,
Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
SHORTED MODE (BC1.2 DCP)
DP_IN/DM_IN shorting resistance
VCTL1= VIN; VCTL2= VCTL3= 0V
-
125
200
DCP-1.2V MODE
DP_IN/DM_IN output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN,
Apply 3V on DP_IN for 0.5s and
measure the D+/D- voltage within the 2s
1.19
1.25
1.31
V
DP_IN/DM_IN output impedance
60
75
94
kΩ
DIVIDER-1A MODE
DP_IN Divider-1A output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN,
1.9
2.0
2.1
V
DM_IN Divider-1A output voltage
2.57
2.7
2.84
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
DIVIDER-2A MODE
DP_IN Divider-2A output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN;
IOUT= 1A
2.57
2.7
2.84
V
DM_IN Divider-2A output voltage
1.9
2.0
2.1
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
CHARGING DOWNSTREAM PORT
VDM_SRC
DP_IN CDP output voltage
VCTL1= VCTL2= VCTL3= VIN, VIN =0.6V,
-250μA ≤ IDM_IN ≤ 0μA
0.5
0.6
0.7
V
VDAT_REF
DP_IN rising lower window
threshold for VDM_SRC activation
VCTL1= VCTL2= VCTL3= VIN
0.25
-
0.4
V
Hysteresis
(1)
-
50
-
mV
VLGC_REF
DP_IN rising upper window
threshold for VDM_SRC de-activation
0.8
-
1.5
V
Hysteresis
(1)
-
100
-
mV
LOAD DETECT- NON POWER WAKE
ILD
IOUT rising load detect current
threshold
VCTL1= VCTL2= VCTL3= VIN
550
650
765
mA
Hysteresis
(1)
-
50
-
mA
tLD_SET
Load detect set time
140
200
275
ms
Load detect reset time
1.9
3
4.2
s
Note:
(1) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes
of Pericom's product warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com