Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5USB2544 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
2
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Pin Description
Pin #
Name
Type
Description
1
IN
P
Input voltage and supply voltage; connect 0.1μF or greater ceramic capacitor from
IN to GND as close to the device as possible
2
DM_OUT
I/O
D- Data line to USB host controller.
3
DP_OUT
I/O
D+ data line to USB host controller.
4
ILIM_SEL
I
Logic-level input signal used to control the charging mode, current limit threshold,
and load detection, see the control truth table. Can be tied directly to IN or GND
without pull-up or pull-down resistor.
5
EN
I
Logic-level input for turning the power switch and the signal switches on/off, logic
low turns off the signal and power switches and holds OUT in discharger. Can be
tied directly to IN or GND without pull-up or pull-down resistor.
6
CTL1
I
Logic-level inputs used to control the charging mode and signal switches; see the
control truth table. Can be tied directly to IN or GND without pull-up or pull-down
resistor.
7
CTL2
I
8
CTL3
I
9
NC
--
Connect to GND or leave open.
10
DP_IN
I/O
D+ data line to downstream connector
11
DM_IN
I/O
D- data line to downstream connector.
12
OUT
P
Power-switch output
13
FAULT
O
Active-low open-drain output, asserted when over-temperature or current limit
conditions
14
GND
G
Ground connection
15
ILIM_LO
I
External resistor connection used to set the low current-limit threshold and the load
detection current threshold. A resistor to ILIM_LO is optional; see Current-Limit
Settings.
16
ILIM_HI
I
External resistor connection used to set the high current-limit threshold.
NA
Exposed PAD
G
Internally connected to GND. Thermal pad to heat-sink the part to the circuit board.
* I = Input; O = Output; P = Power; G = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com