Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2549 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5USB2549 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
6
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
Electrical Characteristics, Charging Controller
4.5V≤V
IN≤5.5V; TJ=-40°
C to +125°C; R/STATUS=10kΩ RILIM=20kΩ
Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
SHORTED MODE (BC1.2 DCP)
DP_IN/DM_IN shorting resistance
-
125
-
Ω
DCP-1.2V MODE
DP_IN/DM_IN output voltage
Apply 3V on DP_IN for 0.5s and
measure the D+/D- voltage within the 2s
-
1.25
-
V
DP_IN/DM_IN output impedance
-
75
-
kΩ
DIVIDER-1A MODE
DP_IN Divider-1A output voltage
1.9
2.0
2.1
V
DM_IN Divider-1A output voltage
2.57
2.7
2.84
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
DIVIDER-2A MODE
DP_IN Divider-2A output voltage
IOUT= 1A
2.57
2.7
2.84
V
DM_IN Divider-2A output voltage
1.9
2.0
2.1
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
DIVIDER-2.4A MODE (with MODE_SEL=’HIGH’)
DP_IN/DM_IN output voltage
IOUT = 2A
2.57
2.7
2.84
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
PLUG-IN LOAD DETECT
IPLUG_IN
IPLUG_IN rising set current threshold
-
55
-
mA
IPLUG_IN falling reset current
threshold
-
45
-
mA
TPLUG_IN_
SET
Plug-in detect set time
140
200
275
ms
Plug-in detect reset time
1.9
3
4.2
s
Note:
(1) These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes of
Pericom's product warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com