Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2549 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5USB2549 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
3
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
Maximum Ratings
All Input(exceptINtoOUT,andDP_IN,DM_IN).......................................................-0.3V to+6.0V
IN toOUT .................................................................................................................................-6.0V to+6.0V
DP_IN,DM_IN ..................................................................................................-0.3V toIN+0.3or+5.7V
Input clamp current(DP_IN,DM_IN)............................................................................................±20mA
Continuous currentinBC1.2DCP mode(DP_INtoDM_IN)................................................±50mA
Continuousoutput current(OUT).....................................................................................Internallylimited
Continuousoutput sinkcurrent(/STATUS)......................................................................................25mA
Continuousoutput sourcecurrent(ILIM)........................................................................internallylimited
ESD:HBMMode(Allpins) ...................................................................................................................2kV
CDMMode (Allpins)...........................................................................................................................500V
HBM(USBconnectorpins:DP_IN,DM_IN, OUTtoGND).......................................................6kV
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Input Voltage, IN
4.5
-
5.5
V
Input Voltage, logic-level MODE_SEL input
0
-
5.5
V
VDP_IN
DP_IN data line voltage
0
-
VIN
V
VDM_IN
DM_IN data line voltage
0
-
VIN
V
VIH
High-level input voltage, MODE_SEL
1.8
-
-
V
VIL
Low-level input voltage, MODE_SEL
-
-
0.8
V
IOUT
Continuous output current, OUT
0
-
2.5
A
Continuous output sink current, /STATUS
0
-
10
mA
RILIM
Current-limit set resistor
16.9
-
750
kΩ
TA
Ambient Temperature Range
-40
-
85
ºC
TJ
Operating Virtual Junction Temperature Range
-40
-
125
ºC
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com