Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAV99
Description  Surface mount Small Signal Double-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV99 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAV99 Datasheet HTML 1Page - Diotec Semiconductor BAV99 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
2
3
1
2
Small Signal Si-Diodes
BAV99
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Max. junction Capacitance – Max. Sperrschichtkapazität
V
R = 0 V, f = 1 MHz
C
T
1.5 pF
Reverse recovery time - Sperrverzug
I
F = 10 mA über / through IR = 10 mA bis / to IR = 1 mA
t
rr
< 4 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
400 K/W
1)
Outline – Gehäuse
Pinning – Anschlußbelegung
Marking – Stempelung
Double diode, series connection
Doppeldiode, Reihenschaltung
1 = A1
2 = K1 / A2
3 = K2
BAV99 = A7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com