Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV99
Description  Surface mount Small Signal Double-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV99 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV99 Datasheet HTML 1Page - Diotec Semiconductor BAV99 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
1.1
2.9
±0.1
0.4
1
2
3
Type
Code
1.9
BAV99
Small Signal Si-Diodes
Surface mount Small Signal Double-Diodes
Kleinsignal-Doppel-Dioden für die Oberflächenmontage
Version 2004-04-05
Power dissipation – Verlustleistung
310 mW
Repetitive peak reverse voltage
70 V
Periodische Spitzensperrspannung
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Dimensions / Maße in mm
1 = A1
2 = K1/A2
3 = K2
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
per diode / pro Diode
BAV99
Max. average forward current (dc)
Dauergrenzstrom
I
FAV
200 mA
1)
Repetitive peak forward current
Periodischer Spitzenstrom
I
FRM
300 mA
1)
Peak forward surge current
Stoßstrom-Grenzwert
t
p ≤ 1 s
t
p ≤ 1 ms
t
p ≤ 1 µs
I
FSM
I
FSM
I
FSM
0.5 A
1 A
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM
70 V
Junction temperature – Sperrschichttemperatur
T
j
150°C
Storage temperature – Lagerungstemperatur
T
S
- 55…+ 150°C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Forward voltage - Durchlaßspannung
2)I
F = 1 mA
I
F = 10 mA
I
F = 50 mA
I
F = 150 mA
V
F
V
F
V
F
V
F
< 715 mV
< 855 mV
< 1 V
< 1.25 V
Leakage current - Sperrstrom
2)V
R = 25 V
V
R = 70 V
T
j = 25°C
I
R
I
R
< 30 nA
2.5 µA
V
R = 25 V
V
R = 70 V
T
j = 150°C
I
R
I
R
< 30 µA
< 50 µA


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
BAV70 DIOTEC-BAV70 Datasheet
147Kb / 2P
Surface mount Small Signal Double-Diodes
BAV99W DIOTEC-BAV99W Datasheet
152Kb / 2P
Surface mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_07 Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70W DIOTEC-BAV70W Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_07 Datasheet
117Kb / 2P
Surface Mount Small Signal Double-Diodes
BAW56 DIOTEC-BAW56_07 Datasheet
117Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_15 Datasheet
119Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
BAW56 DIOTEC-BAW56_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com