Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3225ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV3225ACPZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3225ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV3225ACPZ Datasheet HTML 9Page - Analog Devices ADV3225ACPZ Datasheet HTML 10Page - Analog Devices ADV3225ACPZ Datasheet HTML 11Page - Analog Devices ADV3225ACPZ Datasheet HTML 12Page - Analog Devices ADV3225ACPZ Datasheet HTML 13Page - Analog Devices ADV3225ACPZ Datasheet HTML 14Page - Analog Devices ADV3225ACPZ Datasheet HTML 15Page - Analog Devices ADV3225ACPZ Datasheet HTML 16Page - Analog Devices ADV3225ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 13 of 24
–1000
–500
0
500
1000
1500
2000
2500
3000
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ns)
RISING EDGE PULSE
RISING EDGE SLEW RATE
Figure 19. ADV3224 Rising Edge Slew Rate
–3500
–3000
–2500
–2000
–1500
–1000
–500
0
500
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ns)
FALLING EDGE PULSE
FALLING EDGE SLEW RATE
Figure 20. ADV3224 Falling Edge Slew Rate
–20
–10
0
10
20
30
40
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
3.0
2.5
TIME (ns)
PROPAGATION DELAY NOT SHOWN
INPUT SIGNAL
OUTPUT–INPUT
OUTPUT SIGNAL
Figure 21. ADV3224 Settling Time
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
–1000
–500
0
500
1000
1500
2000
2500
3000
3500
4000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RISING EDGE PULSE
RISING EDGE SLEW RATE
Figure 22. ADV3225 Rising Edge Slew Rate
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–4000
–3500
–3000
–2500
–2000
–1500
–1000
–500
0
500
1000
FALLING EDGE PULSE
FALLING EDGE SLEW RATE
Figure 23. ADV3225 Falling Edge Slew Rate
–20
–10
0
10
20
30
40
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (ns)
PROPAGATION DELAY NOT SHOWN
OUTPUT–INPUT
OUTPUT SIGNAL
INPUT SIGNAL
Figure 24. ADV3225 Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com