Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3225ACPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV3225ACPZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3225ACPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV3225ACPZ Datasheet HTML 16Page - Analog Devices ADV3225ACPZ Datasheet HTML 17Page - Analog Devices ADV3225ACPZ Datasheet HTML 18Page - Analog Devices ADV3225ACPZ Datasheet HTML 19Page - Analog Devices ADV3225ACPZ Datasheet HTML 20Page - Analog Devices ADV3225ACPZ Datasheet HTML 21Page - Analog Devices ADV3225ACPZ Datasheet HTML 22Page - Analog Devices ADV3225ACPZ Datasheet HTML 23Page - Analog Devices ADV3225ACPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 21 of 24
THEORY OF OPERATION
The ADV3224 (G = +1) and ADV3225 (G = +2) are crosspoint
arrays with eight outputs, each of which can be connected to
any one of 16 inputs. Organized by output row, 16 switchable
input transconductance stages are connected to each output
buffer to form 16-to-1 multiplexers. There are eight of these
multiplexers, each with its inputs wired in parallel, for a total array
of 128 transconductance stages forming a multicast-capable
crosspoint switch. Each input is buffered and is not loaded by
the outputs, simplifying the construction of larger arrays using the
ADV3224 or ADV3225 as a building block.
Decoding logic for each output selects one (or none) of the
transconductance stages to drive the output stage. The enabled
transconductance stage drives the output stage, and feedback
forms a closed-loop amplifier. A mask programmable feedback
network sets the closed-loop signal gain. For the ADV3224, this
gain is +1, and for the ADV3225, this gain is +2.
The output stage of the ADV3224 or ADV3225 is designed for
low differential gain and phase error when driving composite
video signals. It also provides slew current for a fast pulse response
when driving component video signals. Unlike many multiplexer
designs, these requirements are balanced such that large signal
bandwidth is very similar to small signal bandwidth. The design
load is 150 Ω, but provisions are made to drive loads as low as
100 Ω when on-chip power dissipation limits are not exceeded.
The outputs of the ADV3224/ADV3225 can be disabled to mini-
mize on-chip power dissipation. When disabled, there is no
feedback network loading the output. This high disabled output
impedance allows multiple ICs to be bussed together without
additional buffering. Take care to reduce output capacitance,
which results in more overshoot and frequency domain
peaking.
A series of internal amplifiers drives internal nodes such that a
wideband high impedance is presented at the disabled output,
even while the output bus is under large signal swings. To keep
these internal amplifiers in their linear range of operation when
the outputs are disabled and driven externally, do not allow the
voltage applied to them to exceed the valid output swing range
for the ADV3224/ADV3225. If the disabled outputs are left
floating, they may exhibit high enable glitches. If necessary,
the disabled output can be kept from drifting out of range by
applying an output load resistor to ground.
The connection of the ADV3224/ADV3225 is controlled by a
flexible TTL-compatible logic interface. Either parallel or serial
loading into a first rank of latches preprograms each output. A
global update signal moves the programming data into the second
rank of latches, simultaneously updating all outputs. In serial
mode, a serial output pin allows devices to be daisy-chained
together for single pin programming of multiple ICs. A power-
on reset pin is available to avoid bus conflicts by disabling all
outputs. This power-on reset clears the second rank of latches
but does not clear the first rank of latches. In serial mode, pre-
programming individual inputs is not possible and the entire
shift register must be flushed.
To easily interface to ground referenced video signals, the
ADV3224/ADV3225 operate on split ±5 V supplies. The logic
inputs and output run on a single 5 V supply, and the logic
inputs switch at approximately 1.6 V for compatibility with a
variety of logic families. The serial output buffer is a rail-to-
rail output stage with 5 mA of drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com