Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571BRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4571BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571BRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4571BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADA4571
Data Sheet
Rev. 0 | Page 12 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Figure 21. VTEMP Output Voltage vs. Temperature
Figure 22. Amplitude Synchronism (% k)
Figure 23. Output Voltage (VSIN and VCOS) Peak-to-Peak vs.
Temperature (% VDD)
Figure 24. Angular Error Delay vs. RPM (Mechanical)
0
10
20
30
40
50
60
70
80
90
100
–40
0
40
80
120
TEMPERATURE (°C)
0
2
4
6
8
10
12
14
16
18
20
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
AMPLITUDE MISMATCH (%)
0
10
20
30
40
50
60
70
80
90
100
–40
0
40
80
120
TEMPERATURE (°C)
VOUT p-p GC OFF
VOUT p-p GC ON
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
300
3000
30000
RPM (Mechanical)
ERROR –40°C
ERROR +25°C
ERROR +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com