Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571BRZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4571BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571BRZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4571BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4571BRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADA4571
Data Sheet
Rev. 0 | Page 20 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Short-Circuit Condition to GND or VDD
In the event of a short-circuit condition, the output voltages are
pulled to the GND or VDD pin.
Short-Circuit Between Sine and Cosine Sensor Outputs
In the event of a short-circuit between sensor outputs, the IC
output voltages are tied to the output common-mode voltage. A
gross angular error is detected in the microcontroller.
Figure 34. Output Span Classification During Short-Circuit Diagnostic Condition
Table 7. Diagnostic Cases
Fault Description
Output Conditions
Alert
Broken Bond Wire Between the
Internal MR Sensor and the ASIC
Broken bond wire detection is activated; the
broken channel(s), VSIN or VCOS, are pulled to
ground
Diagnostic region violation
Broken Bond Wire at the PD Pin
Device remains functional
No alert
Broken Bond Wire at the GC Pin
Gain control is activated
Possible change in output amplitude
Output Short-Circuit to GND
Shorted channel is pulled to ground
Diagnostic region violation
Output Short-Circuit to VDD
Shorted channel is pulled to VDD
Diagnostic region violation
100%
93%
LINEAR REGION
SHORT-CIRCUIT DIAGNOSTIC BAND (HIGH)
SHORT-CIRCUIT DIAGNOSTIC BAND (LOW)
7%
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com