Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS2534V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS2534V
Description  Quad 1 to 4 Clock Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS2534V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CGS2534V Datasheet HTML 1Page - National Semiconductor (TI) CGS2534V Datasheet HTML 2Page - National Semiconductor (TI) CGS2534V Datasheet HTML 3Page - National Semiconductor (TI) CGS2534V Datasheet HTML 4Page - National Semiconductor (TI) CGS2534V Datasheet HTML 5Page - National Semiconductor (TI) CGS2534V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
70V
Input Voltage (VI)
70V
Input Current
b
30 mA
Current Applied to Output (HighLow)
twice the rated
IOH IOL mA
Operating Temperature
Industrial Grade
b
40 Cto a85 C
Commercial Grade
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Airflow
Typical iJA
0 LFM
62 CW
225 LFM
43 CW
500 LFM
34 CW
900 LFM
27 CW
Recommended Operating
Conditions
Supply Voltage (VCC)
45V to 55V
Maximum Input RiseFall Time (08V to 20V)
5 ns
Free Air Operating Temperature (TA)
Industrial
b
40 Cto a85 C
Commercial
0 Cto a70 C
Note
The Absolute Maximum Ratings are those values be-
yond which the safety of the device cannot be guaranteed
The device should not be operated at these limits The para-
metric values defined in the DC and AC Electrical Charac-
teristics tables are not guaranteed at the absolute maximum
ratings The Recommended Operating Conditions will de-
fine the conditions for actual device operation
DC Electrical Characteristics
Over recommended operating conditions unless otherwise specified All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input Low Level Voltage
08
V
VIH
Input High Level Voltage
20
V
VIK
Input Clamp Voltage
VCC e 45V II eb18 mA
b
12
V
VOH
High Level Output Voltage
IOH eb3 mA VCC e 45V
24
V
(Note 5)
IOH eb36 mA VCC e 45V
20
VOL
Low Level Output Voltage
VCC e 45V IOL e 36 mA
04
05
V
(Note 5)
VCC e 45V IOL e 50 mA
01
01
II
Input Current
Max Input Voltage
VCC e 55V VIH e 7V
7
m
A
IIH
High Level Input Current
VCC e 55V VIH e 27V
5
m
A
IIL
Low Level Input Current
VCC e 55V VIL e 04V
b
5
m
A
IOS
Output Drive Current
VCC e 55V VO e 0V
b
100
275
mA
IOLD
Minimum Dynamic Output Current
VCC e 55V VOLD e 08V
70
mA
(Note 1)
IOHD
Minimum Dynamic Output Current
VCC e 55V VOHD e 20V
b
90
mA
(Note 1)
ICCT
Maximum ICC Input
VCC e 55V
36
mA
ICC
Supply Current ’2534 (Quiescent)
VCC e 55V
235
m
A
CIN
Input Capacitance
VCC e 5V
5
pF
Note 1
Maximum test duration 20 ms one output loaded at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com