Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS2534V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS2534V
Description  Quad 1 to 4 Clock Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS2534V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CGS2534V Datasheet HTML 1Page - National Semiconductor (TI) CGS2534V Datasheet HTML 2Page - National Semiconductor (TI) CGS2534V Datasheet HTML 3Page - National Semiconductor (TI) CGS2534V Datasheet HTML 4Page - National Semiconductor (TI) CGS2534V Datasheet HTML 5Page - National Semiconductor (TI) CGS2534V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF11921
September 1995
CGS2534V CommercialCGS2534TV Industrial
Quad 1 to 4 Clock Drivers
General Description
These Clock Generation and Support clock drivers are spe-
cifically designed for driving memory arrays requiring large
fanouts while operating at high speeds
CGS2534 isa4to16 inverting driver with TTL compatible
IOs This device has skew specifications of 350 ps pin-to-
pin as well as a 650 ps specification for part-to-part propa-
gation delay variation
Features
Y
Guaranteed and tested
350 ps pin-to-pin skew (tOSHL and tOSLH)
Y
650 ps part-to-part variation on positive or negative
transition
Y
Implemented on National’s ABT family process
Y
Symmetric output current drive b3636 mA IOHIOL
Y
Industrial temperature of b40 Cto a85 C
Y
28-pin PLCC for optimum skew performance
Y
Symmetric package orientation
Y
Large fanout for memory driving applications
Y
Guaranteed 2 kV ESD protection
Connection Diagrams
Pin Assignment for 28-Pin PLCC
TLF11921 – 5
Truth Table
Input
Output
ln(0 – 3)
ABCD Out (0 – 3)
CGS2534
TLF11921 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - CGS2534V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS2535TV NSC-CGS2535TV Datasheet
69Kb / 8P
Commercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers
CGS2535V NSC-CGS2535V Datasheet
69Kb / 8P
Commercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers
CGS2536TV NSC-CGS2536TV Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
CGS2536V NSC-CGS2536V Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
logo
List of Unclassifed Man...
CGS253T200X8L ETC1-CGS253T200X8L Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
More results

Similar Description - CGS2534V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS2535V NSC-CGS2535V Datasheet
69Kb / 8P
Commercial Quad 1 to 4 Clock Drivers/Industrial Quad 1 to 4 Clock Drivers
CGS2536V NSC-CGS2536V Datasheet
127Kb / 8P
Commercial, Industrial Quad 1 to 4 Clock Drivers
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
MK74CB44 ICST-MK74CB44 Datasheet
73Kb / 5P
Quad 1 to 4 Buffalo??Clock Driver
Revision 022000
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
logo
Texas Instruments
CDC209 TI1-CDC209 Datasheet
190Kb / 11P
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI49FCT32802QEX PERICOM-PI49FCT32802QEX Datasheet
410Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com