Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6010ACPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6010ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADL6010
Data Sheet
Figure 9. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 5 GHz
Figure 10. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 0.5 GHz
Figure 11. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 1 GHz
Figure 12. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 5 GHz
Figure 13. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 10 GHz
Figure 14. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 15 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –26dBm, –14dBm, AND +5dBm
–55°C
–40°C
+25°C
+85°C
+125°C
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
–55°C
–40°C
+25°C
+85°C
+125°C
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
15
5
–5
–15
–25
PIN (dBm)
CALIBRATION AT –25dBm, –10dBm, AND +8dBm
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Rev. A | Page 10 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com