Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6010ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL6010ACPZN-R7
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL6010ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL6010ACPZN-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ADL6010
Data Sheet
Multipoint calibration can be used to further improve accuracy
and extend the dynamic range. The transfer function is now
broken into segments, with each having its own slope and
intercept. Thus, Figure 40 shows the error plot of the same test
device with calibration input points of −28 dBm, −10 dBm, and
+10 dBm. The three point, dual slope calibration results in
tighter error bounds over the high end of the range and extends
the lower measurement range to −30 dBm for ±1 dB error.
Figure 40. Conformance Error and Output Voltage vs. RF Input Power (PIN)
and Temperature (−55°C, −40°C, +25°C, +85°C, +125°C) at 10 GHz
Using Three Point Calibration
For the device shown in Figure 40, the change in error with
temperature is very small over the upper 25 dB of the measurement
range, being ±0.4 dB, and widens at lower power levels, reaching
±0.9 dB over the −10 dBm to −20 dBm segment. High volume
production samples may perform better.
For comparison, the three point calibration of a second device
is shown in Figure 41 using the same frequency and calibration
points. This sample has greater dynamic range, and the
temperature dependence of error at lower power levels is
inverted relative to the first device.
Figure 41. 10 GHz Conformance Error and Output Voltage vs. RF Input Power
(PIN) for Second Device at +25°C, −40°C, −55°C, +85°C, and +125°C
Figure 42 shows the conformance error at 10 GHz for four
devices at +25°C, −40°C, and +85°C using a three point
calibration at input levels of −28 dBm, −10 dBm, and +10 dBm.
The error plots at each temperature were calculated with respect
to the slope and intercept values extracted from the 25°C line in
each case. This calculation is consistent with a typical production
scenario where calibration at only one temperature is used.
Figure 42 illustrates the various error scenarios possible at low
input levels. The dynamic range of the three point calibrated
devices extends to −30 dBm for ±1.0 dB error at 25°C.
Figure 42. 10 GHz Conformance Error and Output Voltage vs. RF Input Power
(PIN) at +25°C, +85°C, and −40°C for Multiple Devices
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–40°C
+25°C
+85°C
15
5
–5
–15
–25
20
10
0
–10
–20
–30
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
Rev. A | Page 18 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com