Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023
Description  Buffered Triple 3-Input NAND,NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4023 Datasheet HTML 1Page - National Semiconductor (TI) CD4023 Datasheet HTML 2Page - National Semiconductor (TI) CD4023 Datasheet HTML 3Page - National Semiconductor (TI) CD4023 Datasheet HTML 4Page - National Semiconductor (TI) CD4023 Datasheet HTML 5Page - National Semiconductor (TI) CD4023 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5956
February 1988
CD4023BMCD4023BC
Buffered Triple 3-Input NAND Gate
CD4025BMCD4025BC
Buffered Triple 3-Input NOR Gate
General Description
These triple gates are monolithic complementary MOS
(CMOS) integrated circuits constructed with N- and P-chan-
nel enhancement mode transistors They have equal source
and sink current capabilities and conform to standard B se-
ries output drive The devices also have buffered outputs
which improve transfer characteristics by providing very
high gain All inputs are protected against static discharge
with diodes to VDD and VSS
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
5V – 10V – 15V parametric ratings
Y
Symmetrical output characteristics
Y
Maximum input leakage 1 mA at 15V over full
temperature range
Connection Diagrams
CD4023BMCD4023BC
Dual-In-Line Package
TLF5956 – 1
Top View
CD4025BMCD4025BC
Dual-In-Line Package
TLF5956 – 2
Top View
Order Number CD4023B or CD4025B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4023

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4023 FAIRCHILD-CD4023 Datasheet
68Kb / 6P
Buffered Triple 3-Input NAND Gate
logo
Intersil Corporation
CD4023 INTERSIL-CD4023 Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
List of Unclassifed Man...
CD4023 ETC2-CD4023 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
CD4023A TI-CD4023A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4023A TI1-CD4023A Datasheet
371Kb / 7P
CMOS NAND GATES
More results

Similar Description - CD4023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
CD4023BC FAIRCHILD-CD4023BC Datasheet
68Kb / 6P
Buffered Triple 3-Input NAND Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
National Semiconductor ...
CD4023M NSC-CD4023M Datasheet
112Kb / 6P
Triple 3-Input NAND(NOR) Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com