Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4023 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023
Description  Buffered Triple 3-Input NAND,NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4023 Datasheet HTML 1Page - National Semiconductor (TI) CD4023 Datasheet HTML 2Page - National Semiconductor (TI) CD4023 Datasheet HTML 3Page - National Semiconductor (TI) CD4023 Datasheet HTML 4Page - National Semiconductor (TI) CD4023 Datasheet HTML 5Page - National Semiconductor (TI) CD4023 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 VDC to a18 VDC
Input Voltage (VIN)
b
05 VDC to VDDa05 VDC
Storage Temp Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions
DC Supply Voltage (VDD)5 VDC to 15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
CD4023BM CD4025BM
b
55 Cto a125 C
CD4023BC CD4025BC
b
40 Cto a85 C
DC Electrical Characteristics CD4023BM CD4025BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Typ
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V
025
0004
025
75
m
A
VDD e 10V
05
0005
05
15
m
A
VDD e 15V
10
0006
10
30
m
A
VOL
Low Level Output Voltage VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDDe5V VOe45V
15
2
15
15
V
VDDe10V VOe90V
lIOlk1mA
30
4
30
30
V
VDDe15V VOe135V
(
40
6
40
40
V
VIH
High Level Input Voltage
VDDe5V VOe05V
35
35
3
35
V
VDDe10V VOe10V
lIOlk1mA 70
70
6
70
V
VDDe15V VOe15V
(
110
110
9
110
V
IOL
Low Level Output Current VDDe5V VO e 04V
064
051
088
036
mA
(Note 3)
VDD e 10V VO e 05V
16
13
22
090
mA
VDD e 15V VO e 15V
42
34
8
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
064
b
051 b088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
16
b
13
b
22
b
090
mA
VDD e 15V VO e 135V
b
42
b
34
b
8
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
010
b
10b5 b010
b
10
m
A
VDD e 15V VIN e 15V
010
10b5
010
10
m
A
Schematic Diagram
CD4023BCCD4023BM
TLF5956 – 3
Device Shown
All Inputs Protected
by Standard CMOS Input
Protection Circuit
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com