Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BO2
Description  Mounting clamp BO 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BO2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BO2 Datasheet HTML 1Page - Diotec Semiconductor BO2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
28.02.2002
Accessories – Zubehör
Mounting clamp BO 2
Befestigungsschelle BO 2
for Silicon bridge rectifiers
with case 32 x 16 x 6 [mm]
Material: nickel plated steel
Weight approx. 2.5 g
für Silizium-Gleichrichterbrücken
im Gehäuse 32 x 16 x 6 [mm]
Material: Stahlblech, vernickelt
Gewicht ca. 2,5 g
The mounting clamps are designed for the
mounting of the following bridge rectifiers:
Die Befestigungsschellen sind für die Mon-
tage folgender Brückengleichrichter geeignet:
Type / Typ ............. Page / Seite
B...C3200-2200 ............... 292
B...C3700-2200 ............... 294
B...C5000-3000 ............... 296
B...C5000-3300 ............... 298
B...C7000-4000 ............... 300
GBI 10A ... GBI 10M .......... 302
GBI 15A ... GBI 15M .......... 304
GBI 25A ... GBI 25M .......... 306


Similar Part No. - BO2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BO2 COOPER-BO2 Datasheet
105Kb / 1P
Single Row Terminal Blocks Continued
logo
Bolymin, Inc
BO2002A BOLYMIN-BO2002A Datasheet
104Kb / 1P
COG package 5x7 dot with cursor
BO2002A BOLYMIN-BO2002A_17 Datasheet
521Kb / 1P
COG package
BO2002B BOLYMIN-BO2002B Datasheet
167Kb / 1P
COG package 5x7 dot with cursor
BO2002B BOLYMIN-BO2002B_17 Datasheet
496Kb / 1P
COG package
More results

Similar Description - BO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
115058-14 ETC1-115058-14 Datasheet
262Kb / 3P
Type VR Vertical Mounting Clamp
logo
UMPCO, Inc.
NAS1713 UMPCO-NAS1713 Datasheet
515Kb / 2P
CLAMP, LOOP-CUSHIONED CENTER MOUNTING
S179 UMPCO-S179 Datasheet
127Kb / 1P
CLAMP, LOOPCUSHIONED, COMMERCIAL,#10 MOUNTING SCREW
S228 UMPCO-S228 Datasheet
134Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16" MOUNTING HOLE
S332 UMPCO-S332 Datasheet
135Kb / 1P
CLAMP, LOOPCUSHIONED, 1/2" MOUNTING SCREW
S463 UMPCO-S463 Datasheet
130Kb / 1P
CLAMP, LOOPCUSHSIONED, 1/4" MOUNTING HOLE
S464 UMPCO-S464 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, 3/8" MOUNTING HOLE
S467 UMPCO-S467 Datasheet
137Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, EQUAL DIAMETER, 1/2" MOUNTING HOLE
S479 UMPCO-S479 Datasheet
132Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16TH MOUNTING HOLE
logo
Neutrik AG
NXUC-M-15 NEUTRIK-NXUC-M-15 Datasheet
96Kb / 1P
Manfrotto universal TM mounting clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com