Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO2 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BO2
Description  Mounting clamp BO 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BO2 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BO2 Datasheet HTML 1Page - Diotec Semiconductor BO2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
28.02.2002
Accessories – Zubehör
Wire jumper DR 0.8
Drahtbrücken DR 0.8
Lead: Ø 0.8 mm
Cu-wire, tin plated
Taped and reeled on 13”-reel
Pitch: 5 mm
10.000 pieces per reel
Drähte: Ø 0,8 mm
Cu-Draht, verzinnt
Gegurtet auf 330 mm (13”)-Rolle
Raster: 5 mm
10.000 Stück pro Rolle
Wire jumper DR 1.2
Drahtbrücken DR 1.2
Lead: Ø 1.2 mm
Cu-wire, tin plated
Taped and reeled on 13”-reel
Pitch: 5 mm
10.000 pieces per reel
Drähte: Ø 1,2 mm
Cu-Draht, verzinnt
Gegurtet auf 330 mm (13”)-Rolle
Raster: 5 mm
10.000 Stück pro Rolle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com