Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS410 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS410
Description  Programmable Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS410 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CGS410 Datasheet HTML 8Page - National Semiconductor (TI) CGS410 Datasheet HTML 9Page - National Semiconductor (TI) CGS410 Datasheet HTML 10Page - National Semiconductor (TI) CGS410 Datasheet HTML 11Page - National Semiconductor (TI) CGS410 Datasheet HTML 12Page - National Semiconductor (TI) CGS410 Datasheet HTML 13Page - National Semiconductor (TI) CGS410 Datasheet HTML 14Page - National Semiconductor (TI) CGS410 Datasheet HTML 15Page - National Semiconductor (TI) CGS410 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
30 Circuit Operation (Continued)
TLF11919 – 14
FIGURE 3-12 Serial Interface Example
TLF11919 – 15
FIGURE 3-13 Minimum Cost k80 MHz CGS410 Implementation
311 APPLlCATlONS
Many applications exist which can use the synthesized
clock capability of the CGS410 Because of the CMOS na-
ture of the device it can maintain high frequency clock rates
while consuming little current
This allows use of the
CGS410 in battery powered systems
Application requirements for the CGS410 are largely dictat-
ed by the user
Figure 3-13 illustrates a low cost implemen-
tation Pulling the PCLK outputs to BVDD will turn the out-
puts off In this configuration DIFF
VOH and DIFF
VOL
are also tied to BVDD CMOS
PCLK serves as the fre-
quency output source Note also that all LCLK EXTCLK
FILTER and crystal functions can be modified to address
the needs of the application
Figure 3-14 shows the common clock drive requirements for
a video-based system The CGS410 provides all clocking
sources LCLK provides a synchronized low-frequency sub-
multiple of PCLK for driving the RAMDAC load data require-
ments In addition LCLK can easily be used to drive the
respective frame buffer array which clocks the display data
The Load Clock Enable (LCLK
EN) can be used to disable
load clock pulses during screen blanking intervals
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com