Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS410 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS410
Description  Programmable Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS410 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CGS410 Datasheet HTML 10Page - National Semiconductor (TI) CGS410 Datasheet HTML 11Page - National Semiconductor (TI) CGS410 Datasheet HTML 12Page - National Semiconductor (TI) CGS410 Datasheet HTML 13Page - National Semiconductor (TI) CGS410 Datasheet HTML 14Page - National Semiconductor (TI) CGS410 Datasheet HTML 15Page - National Semiconductor (TI) CGS410 Datasheet HTML 16Page - National Semiconductor (TI) CGS410 Datasheet HTML 17Page - National Semiconductor (TI) CGS410 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
40 Device Specifications (Continued)
43 DC ELECTRICAL CHARACTERISTICS
VCC e 5V g5% unless otherwise specified (Continued)
Symbol
Parameter
Pin Name
Conditions
Min
Typ
Max
Units
ISINK
Charge Pump Sink Current
FILTER
CPO
SEL e 0(4)
15
25
35
m
A
CPO
SEL e 1(4)
50
75
120
m
A
IDD
Maximum Supply Current
DVDD BVDD XVDD and
VDD e 525V(5)
45
mA
AVDD
Note 1
50 Load to BVDD b 2V
Note 2
50 Load to BVDD b 3V
Note 3
BVDD e 50V
Note 4
AVDD e 50V
Note 5
PCLK and PCLKB terminated with 50 to BVDD b 2V
DIFF
VOH and DIFF
VOL terminated with 500 to BVDD b 2V
DIFF Level (Bit 0) e 0
44 AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t1
R
WB Setup to CSB Falling Edge
0
ns
t2
R
WB Hold from CSB Falling Edge
10
ns
t3
CSB low time (while writing data)
TBD
10
ns
t4
CSB high time (while writing data)
TBD
10
ns
t5
CSB asserted to Read Data Bus Driven (Note 1)
8
ns
t6
CSB Asserted to Valid Read Data (Note 1)
40
ns
t7
CSB Negated to Read Data TRI-STATE
15
ns
t8
Write Data Setup to CSB Rising Edge
15
ns
t9
Write Data hold from CSB rising edge
0
ns
t10
EN Setup to CSB Falling Edge
0
ns
t11
EN Hold from CSB Falling Edge
10
ns
t12
LCLK
EN Setup to LCLK Rising Edge
6
ns
t13
LCLK
EN Hold from LCLK Rising Edge
b
4ns
t14
Skew from CMOS PLCK Rising Edge to LCLK Rising Edge
4
ns
t15
Skew from CMOS PLCK Rising Edge to LCLK Falling Edge
5
ns
t16
Skew from DIFF PCLK Rising Edge to LCLK Rising Edge
3
ns
t17
Skew from DIFF PCLK rising edge to LCLK falling edge
4
ns
Note 1
CL e 50 pF on DATA pin
45 TIMING ISSUES
TLF11919 – 29
Note
In the system read cycle EN R
WB and CSB are measured at 13V threshold voltage DATA is a CMOS compatible output
FIGURE 4-1 System Read Timing Specification
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com