Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3053 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N3053
Description  Maximun SOA Curve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3053 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3053 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3053 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistors
2N3053
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC=0.1mA ; IE=0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IC=0.1mA ; IE=0
5
V
VCEO(SUS)
Collector – Emitter Voltage
IB = 100mA ;IB = 0
40
V
VCER(SUS)
Collector – Emitter Voltage
RBE = 10W IC= 100mA
50
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=150mA; IB= 15mA
1.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 150mA ; IB=15mA
1.7
V
ICBO
Collector Cutoff Current
VCE=30V; IB=0
0.25
uA
IEBO
Emitter Cutoff Current
VEB= 4V; IC=0
0.25
uA
h21E
Static Forward Current Transfer ratio
IC= 0.15A ; VCE= 10V
50
250
fT
Current Gain-Bandwidth Product
IC= 50mA ; VCE= 10V;f=20MHz
100
MHz
C22b
Output Capacitance
VCB = 10V f =1MHz
15
pF
C11b
Input Capacitance
VCB = 10V f =1MHz
80
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com