Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3053 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3053
Description  Maximun SOA Curve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3053 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3053 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3053 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2N3053
DESCRIPTION
·
Maximun SOA Curve
·
High gain-bandwidth Product
: fT = 100MHz
·
Low Leakage Current
APPLICATIONS
·
Designed for audio amplifiers ,controlled amplifiers ,ower supplies, power oscillators and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
175
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
35
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VCER
Collector – Emitter Sustaining Voltage
50
V
VCEX
Collector - Emiiter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
0.7
A
PC
Collector Power Dissipation@TA=25℃
1
W
Collector Power Dissipation@TC=25℃
5
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N3053

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
17Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N3053 BOCA-2N3053 Datasheet
42Kb / 1P
GENERAL PURPOSE TRANSISTOR(NPN SILICON)
logo
List of Unclassifed Man...
2N3053 ETC-2N3053 Datasheet
143Kb / 4P
GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Central Semiconductor C...
2N3053 CENTRAL-2N3053 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
41Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
More results

Similar Description - 2N3053

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60CD1 IXYS-IXSH30N60CD1 Datasheet
72Kb / 2P
Short Circuit SOA Capability
IXSH50N60B IXYS-IXSH50N60B Datasheet
75Kb / 4P
Short Circuit SOA Capability
logo
Fairchild Semiconductor
FJP5027RTU FAIRCHILD-FJP5027RTU Datasheet
65Kb / 5P
Wide SOA
logo
SHANGHAI BELLING CO., L...
IS31PW8200 BELLING-IS31PW8200 Datasheet
356Kb / 5P
Output transition SOA protection
logo
Inchange Semiconductor ...
2N6898 ISC-2N6898 Datasheet
47Kb / 2P
SOA is power-dissipation limited
BUK444-800B ISC-BUK444-800B Datasheet
67Kb / 2P
SOA is Power Dissipation Limited
BUZ42 ISC-BUZ42 Datasheet
66Kb / 2P
SOA is Power Dissipation Limited
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
BUZ84 ISC-BUZ84 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
logo
IXYS Corporation
MMIX2S50N60B4D1 IXYS-MMIX2S50N60B4D1 Datasheet
291Kb / 8P
Short Circuit SOA Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com