Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 39Page - Analog Devices AD7761BSTZ Datasheet HTML 40Page - Analog Devices AD7761BSTZ Datasheet HTML 41Page - Analog Devices AD7761BSTZ Datasheet HTML 42Page - Analog Devices AD7761BSTZ Datasheet HTML 43Page - Analog Devices AD7761BSTZ Datasheet HTML 44Page - Analog Devices AD7761BSTZ Datasheet HTML 45Page - Analog Devices AD7761BSTZ Datasheet HTML 46Page - Analog Devices AD7761BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 43 of 69
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
fCHOP = fMOD/32
fCHOP = fMOD/8
fIN/fMOD
Figure 65. Rejection of Out of Band Input Tones, Wideband Filter,
Decimation = ×32, fMOD = 8.192 MHz, Analog Input Sweep from DC to 20 MHz
Modulator Chopping Frequency
Figure 65 plots two scenarios that relate to the chopping frequency
of the AD7761 modulator.
The AD7761 uses a chopping technique in the modulator similar
to that of a chopped amplifier to remove offset, offset drift, and
1/f noise. The AD7761 default chopping rate is fMOD/32. In pin
control mode, the chop frequency is hardwired to fMOD/32. In
SPI control mode, the user can select the chop frequency to be
either fMOD/32 or fMOD/8.
As shown in Figure 65, the stop band rejection of the digital filter is
reduced at frequencies that relate to even multiples of the chopping
frequency (fCHOP). All other out of band frequencies (excluding
those already discussed relating to the modulator clock frequency,
fMOD) are rejected by the stop band attenuation of the digital filter.
An out of band tone with a frequency in the range of (2 × fCHOP ) ±
f3dB, where f3dB is the filter bandwidth employed, is attenuated to
the envelope determined by the chop frequency setting (see
Figure 65), and aliased into the pass band. Out of band tones near
additional even multiples of fCHOP (that is, N × fCHOP, where N is
an even integer), are attenuated and aliased in the same way.
Chopping at fMOD/32 offers the best performance for noise,
offset, and offset drift for the AD7761.
For ac performance it may be useful to select chopping at fMOD/8
as this moves the first chopping tone to a higher frequency.
However, chopping at fMOD/8 may lead to slightly degraded
noise (approximately 1 dB loss in dynamic range) and offset
performance compared to the default chop rate of fMOD/32.
Table 26 shows the aliasing achieved by different order
antialiasing filter options at the critical frequencies of fMOD/32
and fMOD/8 for chop aliasing, fMOD/16 for modulator saturation,
and 2 × fMOD for the first zone with 0 dB attenuation. It assumes
the corner frequency of the antialiasing filter is at fMOD/64,
which is just above the maximum input bandwidth that the
AD7761 digital filter can pass when using a decimate by 32 filter
setting.
Table 26. External Antialiasing Filter Attenuation
RC Filter
fMOD/32
(dB)
fMOD/16
(dB)
fMOD/8
(dB)
2 × fMOD
(dB)
First Order
−6
−12
−18
−42
Second Order
−12
−24
−36
−84
Third Order
−18
−36
−54
−126
Modulator Saturation Point
A Σ-Δ modulator can be considered a standard control loop,
employing negative feedback. The control loop works to ensure
that the average processed error signal is very small over time. It
uses an integrator to remember preceding errors and force the
mean error to be zero. As the input signal rate of change increases
with respect to the modulator clock, fMOD, a larger voltage feedback
error is processed. Above a certain frequency, the error begins
to saturate the modulator.
For the AD7761, the modulator may saturate for full-scale input
frequencies greater than fMOD/16, depending on the rate of change
of input signal, input signal amplitude, and reference input level.
A half power input tone at fMOD/8 also causes the modulator to
saturate. In applications where there may be high amplitude and
frequency out of band tones, a first-order antialiasing filter is
required with a −3 dB corner frequency set at fMOD/16 to protect
against modulator saturation. For example, if operating the
AD7761 at full speed and using a decimation rate of ×32 to achieve
an output data rate of 256 kSPS, the modulator rate is equal to
8.192 MHz. In this instance, to protect against saturation, set the
antialiasing filter −3 dB corner frequency to 512 kHz.
CALIBRATION
In SPI control mode, the AD7761 offers users the ability to adjust
offset, gain, and phase delay on a per channel basis.
Offset Adjustment
The CHx_OFFSET_MSB, CHx_OFFSET_MID, and CHx_
OFFSET_LSB registers are 24 bit, signed twos complement
registers for channel offset adjustment. If the channel gain setting is
at its ideal nominal value of 0x555555, an LSB of offset register
adjustment changes the digital output by −1/192 LSBs. For
example, changing the offset register from 0 to 4800 changes the
digital output by −25 LSBs. Because offset calibration occurs
before gain calibration, the ratio of 1/192 changes linearly with
gain adjustment via the Channel x gain registers (see Table 53).
After a reset or power cycle, the offset register values revert to
the default factory setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com