Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7761BSTZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 54Page - Analog Devices AD7761BSTZ Datasheet HTML 55Page - Analog Devices AD7761BSTZ Datasheet HTML 56Page - Analog Devices AD7761BSTZ Datasheet HTML 57Page - Analog Devices AD7761BSTZ Datasheet HTML 58Page - Analog Devices AD7761BSTZ Datasheet HTML 59Page - Analog Devices AD7761BSTZ Datasheet HTML 60Page - Analog Devices AD7761BSTZ Datasheet HTML 61Page - Analog Devices AD7761BSTZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 58 of 69
Table 35. Bit Descriptions for Channel Mode A
Bits
Bit Name
Settings
Description
Reset
Access
3
FILTER_TYPE_A
Filter selection
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_A
Decimation rate selection
0x5
RW
000
×32
001
×64
010
×128
011
×256
100
×512
101
×1024
110
×1024
111
×1024
CHANNEL MODE B REGISTER
Address: 0x02, Reset: 0x0D, Name: Channel Mode B
Table 36. Bit Descriptions for Channel Mode B
Bits
Bit Name
Settings
Description
Reset
Access
3
FILTER_TYPE_B
Filter selection
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_B
Decimation rate selection
0x5
RW
000
×32
001
×64
010
×128
011
×256
100
×512
101
×1024
110
×1024
111
×1024
CHANNEL MODE SELECT REGISTER
Address: 0x03, Reset: 0x00, Name: Channel Mode Select
This register selects the mapping of each ADC channel to either Channel Mode A or Channel Mode B.
Table 37. Bit Descriptions for Channel Mode Select
Bits
Bit Name
Settings
Description
Reset
Access
7
CH_7_MODE
Channel 7
0x0
RW
0
Mode A
1
Mode B
6
CH_6_MODE
Channel 6
0x0
RW
0
Mode A
1
Mode B
5
CH_5_MODE
Channel 5
0x0
RW
0
Mode A
1
Mode B
4
CH_4_MODE
Channel 4
0x0
RW
0
Mode A
1
Mode B
3
CH_3_MODE
Channel 3
0x0
RW
0
Mode A
1
Mode B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com