Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9262EBZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9262EBZ Datasheet HTML 11Page - Analog Devices AD9262EBZ Datasheet HTML 12Page - Analog Devices AD9262EBZ Datasheet HTML 13Page - Analog Devices AD9262EBZ Datasheet HTML 14Page - Analog Devices AD9262EBZ Datasheet HTML 15Page - Analog Devices AD9262EBZ Datasheet HTML 16Page - Analog Devices AD9262EBZ Datasheet HTML 17Page - Analog Devices AD9262EBZ Datasheet HTML 18Page - Analog Devices AD9262EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9262
Rev. A | Page 15 of 32
EQUIVALENT CIRCUITS
2V p-p DIFFERENTIAL
1.8V CM
500Ω
500Ω
Figure 30. Equivalent Analog Input Circuit
CVDD
CLK+
10kΩ
10kΩ
90kΩ
30kΩ
CVDD
CLK–
Figure 31. Equivalent Clock Input Circuit
SDIO
1kΩ
DRVDD
Figure 32. Equivalent SDIO Input Circuit
SCLK
30kΩ
1kΩ
Figure 33. Equivalent SCLK Input Circuit
CSB
AVDD
1kΩ
26kΩ
Figure 34. Equivalent CSB Input Circuit
DRVDD
DGND
Figure 35. Equivalent Digital Output Circuit
10kΩ
2.85kΩ
8.5kΩ
3.5kΩ
0.5V
TO CURRENT
GENERATOR
10µF
Figure 36. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com