Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9262EBZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9262EBZ Datasheet HTML 24Page - Analog Devices AD9262EBZ Datasheet HTML 25Page - Analog Devices AD9262EBZ Datasheet HTML 26Page - Analog Devices AD9262EBZ Datasheet HTML 27Page - Analog Devices AD9262EBZ Datasheet HTML 28Page - Analog Devices AD9262EBZ Datasheet HTML 29Page - Analog Devices AD9262EBZ Datasheet HTML 30Page - Analog Devices AD9262EBZ Datasheet HTML 31Page - Analog Devices AD9262EBZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9262
Rev. A | Page 30 of 32
MEMORY MAP
Table 25. Memory Map
Register Name
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Port Config
0x00
0
LSBFIRST
SOFTRESET
1
1
SOFTRESET
LSBFIRST
0
Chip ID
0x01
CHIPID[7:0]
Chip Grade
0x02
1
CHILDID[2:0]
Channel Index
0x05
Channel[1:0]
Power Modes
0x08
PWRDWN[1:0]
PLLENABLE
0x09
PLLENABLE
PLL
0x0A
PLLLOCKED
PLLAUTO
PLLMULT[5:0]
Analog Input
0x0F
BW[1:0]
Output Modes
0x14
DRVSTD
Interleave
OUTENB
OUTINV
Format[1:0]
Output Adjust
0x15
DRVSTR33[1:0]
DRVSTR18[1:0]
Output Clock
0x16
DCOINV
Reference
0x18
EXTREF
Output Data
0x101
QEC
KOUT[5:0]
Overrange
0x111
AUTORST
OR_IND
ORTHRESH[5:0]
QEC1
0x112
DCFRZ
PHASEFRZ
GAINFRZ
DCENB
PHASEENB
GAINENB
QEC2
0x113
DCFRC
PHASEFRC
GAINFRC
MEMORY MAP DEFINITIONS
Table 26. Memory Map Definitions
Register
Address
Bit(s)
Mnemonic
Default
Description
SPI Port Config
0x00
6, 1
LSBFIRST
0
0: serial interface uses MSB first format
1: serial interface uses LSB first format
5, 2
SOFTRESET
0
1: default all serial registers except 0x00, 0x09, and 0x0A
Chip ID
0x01
[7:0]
CHIPID
0x22
0x22: AD9262
Chip Grade
0x02
[5:4]
CHILDID
0
0x00: 10 MHz bandwidth
0x10: 5 MHz bandwidth
0x20: 2.5 MHz bandwidth
Channel Index
0x05
[1:0]
Channel
0
0: both channels addressed simultaneously
1: Channel A only addressed
2: Channel B only addressed
3: both channels addressed simultaneously
Power Modes
0x08
[1:0]
PWRDWN
0
0x0: normal operation
0x1: power-down (local)
0x2: standby (everything except reference circuits)
0x3: sleep
PLLENABLE
0x09
2
PLLENABLE
0
1: enable PLL
PLL
0x0A
7
PLLLOCKED
0
0: PLL is not locked
1: PLL is locked
6
PLLAUTO
0
1: PLL autoband enabled
[5:0]
PLLMULT
0
See Table 10
Analog Input
0x0F
[6:5]
BW
0
See Table 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com