Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9680 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9680 Datasheet HTML 62Page - Analog Devices AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices AD9680 Datasheet HTML 66Page - Analog Devices AD9680 Datasheet HTML 67Page - Analog Devices AD9680 Datasheet HTML 68Page - Analog Devices AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 66 of 97
The SYNCINB± pin operation can also be controlled by the
SPI. The SYNCINB± signal is a differential dc-coupled LVDS
mode signal by default, but it can also be driven single-ended.
For more information on configuring the SYNCINB± pin
operation, refer to Register 0x572.
The SYNCINB± pins can also be configured to run in CMOS
(single-ended) mode, by setting Bit[4] in Register 0x572. When
running SYNCINB± in CMOS mode, connect the CMOS
SYNCINB signal to Pin 21 (SYNCINB+) and leave Pin 20
(SYNCINB−) floating.
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary. The ILAS consists of four multiframes, with
an /R/ character marking the beginning and an /A/ character
marking the end. The ILAS begins by sending an /R/ character
followed by 0 to 255 ramp data for one multiframe. On the
second multiframe, the link configuration data is sent, starting
with the third character. The second character is a /Q/ character
to confirm that the link configuration data will follow. All
undefined data slots are filled with ramp data. The ILAS
sequence is never scrambled.
The ILAS sequence construction is shown in Figure 158. The
four multiframes include the following:
•
Multiframe 1. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 2. Begins with an /R/ character followed by a
/Q/ character (/K28.4/), followed by link configuration
parameters over 14 configuration octets (see Table 24) and
ends with an /A/ character. Many of the parameter values
are of the value – 1 notation.
•
Multiframe 3. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 4. Begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
User Data and Error Detection
After the initial lane alignment sequence is complete, the user
data is sent. Normally, within a frame, all characters are considered
user data. However, to monitor the frame clock and multiframe
clock synchronization, there is a mechanism for replacing
characters with /F/ or /A/ alignment characters when the data
meets certain conditions. These conditions are different for
unscrambled and scrambled data. The scrambling operation is
enabled by default, but it can be disabled using the SPI.
For scrambled data, any 0xFC character at the end of a frame
is replaced by an /F/, and any 0x7C character at the end of a
multiframe is replaced with an /A/. The JESD204B receiver (Rx)
checks for /F/ and /A/ characters in the received data stream
and verifies that they only occur in the expected locations. If an
unexpected /F/ or /A/ character is found, the receiver handles
the situation by using dynamic realignment or asserting the
SYNCINB± signal for more than four frames to initiate a
resynchronization. For unscrambled data, if the final character
of two subsequent frames is equal, the second character is
replaced with an /F/ if it is at the end of a frame, and an /A/ if
it is at the end of a multiframe.
Insertion of alignment characters can be modified using SPI.
The frame alignment character insertion (FACI) is enabled by
default. More information on the link controls is available in the
Memory Map section, Register 0x571.
8-Bit/10-Bit Encoder
The 8-bit/10-bit encoder converts 8-bit octets into 10-bit symbols
and inserts control characters into the stream when needed.
The control characters used in JESD204B are shown in Table 24.
The 8-bit/10-bit encoding ensures that the signal is dc balanced by
using the same number of ones and zeros across multiple symbols.
The 8-bit/10-bit interface has options that can be controlled via
the SPI. These operations include bypass and invert. These options
are troubleshooting tools for the verification of the digital front
end (DFE). See the Memory Map section, Register 0x572[2:1]
for information on configuring the 8-bit/10-bit encoder.
K
K
R
D
D
A
R
Q
C
C
D
D
A
R
D
D
A
R
D
D
A
D
START OF
ILAS
START OF LINK
CONFIGURATION DATA
END OF
MULTIFRAME
START OF
USER DATA
Figure 158. Initial Lane Alignment Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com