Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9680 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9680 Datasheet HTML 9Page - Analog Devices AD9680 Datasheet HTML 10Page - Analog Devices AD9680 Datasheet HTML 11Page - Analog Devices AD9680 Datasheet HTML 12Page - Analog Devices AD9680 Datasheet HTML 13Page - Analog Devices AD9680 Datasheet HTML 14Page - Analog Devices AD9680 Datasheet HTML 15Page - Analog Devices AD9680 Datasheet HTML 16Page - Analog Devices AD9680 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 13 of 97
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD9680
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD1
AVDD1
AVDD2
AVDD3
VIN–A
VIN+A
AVDD3
AVDD2
AVDD2
AVDD2
AVDD2
V_1P0
SPIVDD
PDWN/STBY
DVDD
DGND
AVDD1
AVDD1
AVDD2
AVDD3
VIN–B
VIN+B
AVDD3
AVDD2
AVDD2
AVDD2
SPIVDD
CSB
SCLK
SDIO
DVDD
DGND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NOTES
1. EXPOSED PAD. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE
PACKAGE PROVIDES THE GROUND REFENCE FOR AVDDx. THIS EXPOSED
PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 5. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
Power Supplies
0
EPAD
Ground
Exposed Pad. The exposed thermal pad on the bottom of the
package provides the ground reference for AVDDx. This
exposed pad must be connected to ground for proper
operation.
1, 2, 47, 48, 49, 52, 55, 61, 64
AVDD1
Supply
Analog Power Supply (1.25 V Nominal).
3, 8, 9, 10, 11, 39, 40, 41,
46, 50, 51, 62, 63
AVDD2
Supply
Analog Power Supply (2.5 V Nominal).
4, 7, 42, 45
AVDD3
Supply
Analog Power Supply (3.3 V Nominal).
13, 38
SPIVDD
Supply
Digital Power Supply for SPI (1.8 V to 3.3 V).
15, 34
DVDD
Supply
Digital Power Supply (1.25 V Nominal).
16, 33
DGND
Ground
Ground Reference for DVDD.
18, 31
DRGND
Ground
Ground Reference for DRVDD.
19, 30
DRVDD
Supply
Digital Driver Power Supply (1.25 V Nominal).
56, 60
AGND1
Ground
Ground Reference for SYSREF±.
57
AVDD1_SR1
Supply
Analog Power Supply for SYSREF± (1.25 V Nominal).
Analog
5, 6
VIN−A, VIN+A
Input
ADC A Analog Input Complement/True.
12
V_1P0
Input/DNC
1.0 V Reference Voltage Input/Do Not Connect. This pin is
configurable through the SPI as a no connect or an input. Do
not connect this pin if using the internal reference. Requires a
1.0 V reference voltage input if using an external voltage
reference source.
44, 43
VIN−B, VIN+B
Input
ADC B Analog Input Complement/True.
53, 54
CLK+, CLK−
Input
Clock Input True/Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com