Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7VD9004ABH Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7VD9004ABH
Description  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
49
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
[7:4]
CH4 Data Selection In
PIXOUT_0
RW
0: CV_INA0 Video Decoder data
1: CV_INA1 Video Decoder data
2: CV_INA2 Video Decoder data
3: CV_INA3 Video Decoder data
4: CV_INA4 Video Decoder data
5: CV_INA5 Video Decoder data
6: CV_INA6 Video Decoder data
7: CV_INA7 Video Decoder data
Reset to 3h
PIXOUT1 OUTPUT CH12 SELECT REGISTER– OFFSET EAH(Default=32H)
BIT
FUNCTION
TYPE
DESCRIPTION
[3:0]
CH1 Data Selection In
PIXOUT_1
RW
0: CV_INA0 Video Decoder data
1: CV_INA1 Video Decoder data
2: CV_INA2 Video Decoder data
3: CV_INA3 Video Decoder data
4: CV_INA4 Video Decoder data
5: CV_INA5 Video Decoder data
6: CV_INA6 Video Decoder data
7: CV_INA7 Video Decoder data
Reset to 2h
[7:4]
CH2 Data Selection In
PIXOUT_1
RW
0: CV_INA0 Video Decoder data
1: CV_INA1 Video Decoder data
2: CV_INA2 Video Decoder data
3: CV_INA3 Video Decoder data
4: CV_INA4 Video Decoder data
5: CV_INA5 Video Decoder data
6: CV_INA6 Video Decoder data
7: CV_INA7 Video Decoder data
Reset to 3h
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com