Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7VD9004ABH Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7VD9004ABH
Description  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
7
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
Power and Ground
Pin Name
Pin Number Type
Description
VDDC
4, 9, 21, 27, 35,
45, 55, 62, 87
Power
1.0V Power for core logic
VD33
15, 29, 41, 49, 60,
72, 82
Power
3.3V Power for IO pads
VSS
1, 2, 3, 8, 13, 20,
26, 28, 34, 40,
44, 48, 54, 61,
67, 77, 89, 90,
100, 101, 112,
118, 123, 125
Ground
Ground for video ADC, audio ADC, audio DAC, PLL, core logic and IO
pads
ADC_VDD
108, 109, 115,
121, 122, 124,
126
Power
3.3V Power for video ADC and audio ADC.
ADAC_VDD
97, 98
Power
3.3V Power for audio DAC
VDDPLL
127, 128
Power
3.3V Power for AV PLL
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com