Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM2280CRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM2280CRIZ
Description  5 kV RMS Dual Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2280CRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM2280CRIZ Datasheet HTML 3Page - Analog Devices ADuM2280CRIZ Datasheet HTML 4Page - Analog Devices ADuM2280CRIZ Datasheet HTML 5Page - Analog Devices ADuM2280CRIZ Datasheet HTML 6Page - Analog Devices ADuM2280CRIZ Datasheet HTML 7Page - Analog Devices ADuM2280CRIZ Datasheet HTML 8Page - Analog Devices ADuM2280CRIZ Datasheet HTML 9Page - Analog Devices ADuM2280CRIZ Datasheet HTML 10Page - Analog Devices ADuM2280CRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADuM2280/ADuM2281/ADuM2285/ADuM2286
Rev. 0 | Page 7 of 20
PACKAGE CHARACTERISTICS
Table 13.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
RESISTANCE AND CAPACITANCE
Resistance (Input-to-Output)1
RI-O
1013
Ω
Capacitance (Input-to-Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal
Resistance
θJA
45
°C/W
Thermocouple located at the center of the package
underside; test conducted on a 4-layer board with thin traces
1
This device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM228x will be approved by the organizations listed in Table 14. See Table 19 and the Absolute Maximum Ratings section for
recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 14.
UL (Pending)
CSA (Pending)
VDE (Pending)
Recognized under UL 1577
Component Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-122
Single Protection 5000 V rms
Isolation Voltage
Basic insulation per CSA 60950-1-07 and
IEC 60950-1, 600 V rms (848 V peak) maximum
working voltage
Reinforced insulation, 846 V peak
Reinforced insulation per CSA 60950-1-07 and
IEC 60950-1, 400 V rms (565 V peak) maximum
working voltage
Reinforced insulation per IEC 60601-1
250 V rms (353 V peak) maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1
In accordance with UL 1577, each ADuM228x is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (current leakage detection limit = 10 µA).
2
In accordance with DIN V VDE V 0884-10, each ADuM228x is proof tested by applying an insulation test voltage ≥1590 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 15.
Parameter
Symbol Value
Unit
Test Conditions
Rated Dielectric Insulation Voltage
5000
V rms 1-minute duration
Minimum External Air Gap
L(I01)
8.0 min
mm
Distance measured from input terminals to output
terminals, shortest distance through air along the PCB
mounting plane, as an aid to PC board layout
Minimum External Tracking (Creepage)
L(I02)
8.3 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index) CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com