Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM2280CRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM2280CRIZ
Description  5 kV RMS Dual Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2280CRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM2280CRIZ Datasheet HTML 9Page - Analog Devices ADuM2280CRIZ Datasheet HTML 10Page - Analog Devices ADuM2280CRIZ Datasheet HTML 11Page - Analog Devices ADuM2280CRIZ Datasheet HTML 12Page - Analog Devices ADuM2280CRIZ Datasheet HTML 13Page - Analog Devices ADuM2280CRIZ Datasheet HTML 14Page - Analog Devices ADuM2280CRIZ Datasheet HTML 15Page - Analog Devices ADuM2280CRIZ Datasheet HTML 16Page - Analog Devices ADuM2280CRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADuM2280/ADuM2281/ADuM2285/ADuM2286
Rev. 0 | Page 13 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
10
0
2
4
6
8
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 6. Typical Supply Current per Input Channel vs. Data Rate
for 5 V and 3 V Operation
10
0
2
4
6
8
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 7. Typical Supply Current per Output Channel vs. Data Rate
for 5 V and 3 V Operation (No Output Load)
10
0
4
2
6
8
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 8. Typical Supply Current per Output Channel vs. Data Rate
for 5 V and 3 V Operation (15 pF Output Load)
20
0
5
10
15
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 9. Typical ADuM2280 or ADuM2285 VDD1 Supply Current vs.
Data Rate for 5 V and 3 V Operation
20
0
5
10
15
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 10. Typical ADuM2280 or ADuM2285 VDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation
20
0
5
10
15
0
20
40
60
80
100
10
30
50
70
90
DATA RATE (Mbps)
5V
3V
Figure 11. Typical ADuM2281 or ADuM2286 VDD1 or VDD2 Supply Current vs.
Data Rate for 5 V and 3 V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com