Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1975 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1975
Description  Withstands worst overload conditions.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1975 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1975 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1975 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
2SC1975
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCBO
Collector-Base Breakdown Voltage
IC=1mA ; IB= 0
120
V
VCER
Collector- Emitter Breakdown Voltage
IC=2mA ; RBE=100Ω
90
V
VEBO
Emitter-Base Breakdown Voltage
IE=10uA ; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
1
V
ICEO
Collector Cutoff Current
VCB= 40V ; IE= 0
1.0
μA
hFE
DC Current Gain
IC=1A ; VCE=5V
50
200
COB
Output Capacitance
IE= 0; VCB=10V; ftest= 1MHz
60
pF
fT
Current-Gain—Bandwidth Product
IC=0.5A;VCE=5V
80
MHz
PO
Output power
Vcc=13.5V;f=27MHz;Pin=0.2W
1
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com