Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1975 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC1975
Description  Withstands worst overload conditions.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1975 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC1975 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1975 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2SC1975
DESCRIPTION
·Collector-Base Breakdown Voltage
: V(BR)CBO=160V(Min)
·Withstands worst overload conditions.
APPLICATIONS
·Design for used in transceiver power output applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCER
Collector-Emitter Voltage
90
V
VEBO
Emitter-Base Voltage
5
V
ICM
Collector Current
3
A
PC
Total Power Dissipation
@ TC=25℃
12
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC1975

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1975 ETC-2SC1975 Datasheet
37Kb / 1P
Si NPN Epitaxial Planar
logo
New Jersey Semi-Conduct...
2SC1975 NJSEMI-2SC1975 Datasheet
123Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC1975

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2R DBLECTRO-NV2R Datasheet
464Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
NV23K DBLECTRO-NV23K_07 Datasheet
393Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
NV231 DBLECTRO-NV231_07 Datasheet
389Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
logo
List of Unclassifed Man...
3B-850A ETC-3B-850A Datasheet
192Kb / 4P
TYPICAL OPERATIONG CONDITIONS
SP-K4 ETC2-SP-K4 Datasheet
500Kb / 2P
Withstands high voltages
logo
STMicroelectronics
STM8L151X6 STMICROELECTRONICS-STM8L151X6 Datasheet
2Mb / 146P
Operating conditions
15-Feb-2017
STM8TL52X4 STMICROELECTRONICS-STM8TL52X4 Datasheet
1Mb / 84P
Operating conditions
01-Jul-2015
STM32F358XC STMICROELECTRONICS-STM32F358XC Datasheet
2Mb / 134P
Operating conditions
17-Apr-2015
logo
Cornell Dubilier Electr...
MLSG-S CDE-MLSG-S Datasheet
223Kb / 7P
Withstands more than 80,000 feet altitude
logo
Maxim Integrated Produc...
MAX14915EVKIT MAXIM-MAX14915EVKIT Datasheet
1Mb / 13P
Open-wire, Overload, Undervoltage, Overcurrent, Thermal Shutdown Fault Conditions Indication
Rev 0; 9/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com