Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP35A2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BYP35A2
Description  Silicon Press-Fit-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP35A2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BYP35A2 Datasheet HTML 1Page - Diotec Semiconductor BYP35A2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. case temperature T
C = 150
/C – Max. Gehäusetemperatur T
C = 150
/C
78
28.02.2002
BYP 35A05 ... BYP 35A6
BYP 35K05 ... BYP 35K6
Silicon Press-Fit-Diodes
Silizium-Einpreßdioden
High-temperature diodes
Hochtemperaturdioden
Nominal current – Nennstrom
35 A
Repetitive peak reverse voltage
50…600 V
Periodische Spitzensperrspannung
Metal press-fit case with plastic cover
Metall-Einpreßgehäuse mit Plastik-Abdeckung
Weight approx. – Gewicht ca.
10 g
Casting compound has UL classification 94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Anode
Cathode
Repetitive peak reverse voltage
Periodische Spitzensperrspanng.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
BYP 35A05
BYP 35K05
50
60
BYP 35A1
BYP 35K1
100
120
BYP 35A2
BYP 35K2
200
240
BYP 35A3
BYP 35K3
300
360
BYP 35A4
BYP 35K4
400
480
BYP 35A6
BYP 35K6
600
700
Max. average forward rectified current, R-load
T
C = 150
/CI
FAV
35 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
110 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 / 60 Hz half sine-wave
T
A = 25
/CI
FSM
360 / 400 A
Stoßstrom für eine 50 / 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t <10 ms
T
A = 25
/Ci2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+215
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+215
/C
Maximum pressure – Maximaler Einpreßdruck
7 kN


Similar Part No. - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYP35A2 SEMIKRON-BYP35A2 Datasheet
294Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
72Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A2 SEMIKRON-BYP35A2 Datasheet
298Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35A2 SAMYANG-BYP35A2 Datasheet
412Kb / 2P
SILICON PRESS-FIT DIODES
More results

Similar Description - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
Silicon Press-Fit-Diodes
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
KYZ35A05 SEMIKRON-KYZ35A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
Silicon Press-Fit-Diodes
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
Silicon Press-Fit-Diodes
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
SILICON PRESS-FIT DIODES
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
SILICON PRESS-FIT DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com