Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90N06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 90N06
Description  Drain Current ?밒D= 90A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

90N06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  90N06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 90N06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
90N06
FEATURES
·
·
·
·Drain Current –ID= 90A@ TC=25℃
·Drain Source Voltage-
: VDSS= 60V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.003Ω(Max)
APPLICATIONS
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃
℃
℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
90
A
IDM
Drain Current-Single Pluse
360
A
PD
Total Dissipation
125
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 90N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
90N02 UTC-90N02 Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
90N02G-TM3-T UTC-90N02G-TM3-T Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
90N02L-TM3-T UTC-90N02L-TM3-T Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
90N03 VBSEMI-90N03 Datasheet
1,001Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi Unigroup Microelec...
90N03AT WUMC-90N03AT Datasheet
404Kb / 8P
30V N-Channel Trench MOSFET(Preliminary)
V1.1
More results

Similar Description - 90N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK851 ISC-2SK851 Datasheet
66Kb / 2P
Drain Current ?밒D=30A@ TC=25C
2SK857 ISC-2SK857 Datasheet
66Kb / 2P
Drain Current ?밒D=45A@ TC=25C
2SK1012 ISC-2SK1012 Datasheet
68Kb / 2P
Drain Current ?밒D=10A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com