Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 20N60
Description  Fast Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

20N60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  20N60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 20N60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
:
:
: www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc
N-Channel Mosfet Transistor
20N60
·
·
·
·FEATURES
·Drain Current ID= 20A@ TC=25℃
·Drain Source Voltage-
: VDSS= 600V(Min)
·Low ON Resistance
RDS(on) = 0.45Ω(Max)
·Fast Switching
·
·
·
·DESCRITION
· High efficiency switch mode power supply
·Motor control, UPS, DC
·Choppers and switch-mode
·
·
·
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃
℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
20
A
IDM
Drain Current-Single Plused
80
A
PD
Power Dissipation
250
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
range
-55~150
℃
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.5
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
40
℃/W


Similar Part No. - 20N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60 Datasheet
176Kb / 3P
20A, 600V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
20N60 VBSEMI-20N60 Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
DONGGUAN YOU FENG WEI E...
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
20A 600V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
20N60A4 FAIRCHILD-20N60A4 Datasheet
908Kb / 8P
600V, SMPS Series N-Channel IGBTs
logo
ON Semiconductor
20N60A4D ONSEMI-20N60A4D Datasheet
388Kb / 10P
SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600 V
April, 2020 - Rev. 3
More results

Similar Description - 20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com