Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D60VC80 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # D60VC80
Description  Silicon-Twin Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

D60VC80 Datasheet(HTML) 1 Page - Diotec Semiconductor

  D60VC80 Datasheet HTML 1Page - Diotec Semiconductor D60VC80 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid per diode – Gültig pro Diode
2) Max. case temperature T
C = 100
/C – Max. Gehäusetemperatur T
C = 100
/C
1
11.02.2003
D60 VC20 … D60 VC120
Silicon-Twin Rectifiers
Silizium-Doppeldioden
Nominal current
60 A
Nennstrom
Alternating input voltage
60…800 V
Eingangswechselspannung
Plastic case with alu-bottom
Kunststoffgehäuse mit Alu-Boden
Dimensions
28.5 x 28.5 x 10 [mm]
Abmessungen
Weight approx.
23 g
Gewicht ca.
Compound has classification UL94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RRM [V]
1)
D60 VC20
200
200
D60 VC40
400
400
D60 VC60
600
600
D60 VC80
800
800
D60 VC100
1000
1000
D60 VC120
1200
1200
Repetitive peak forward current
f > 15 Hz
I
FRM
120 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
450 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
1000 A2s
Isolation voltage – Isolationsspannung
t = 1 min
V
ISO
> 2000 V
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C


Similar Part No. - D60VC80

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
D60VC80 DIOTEC-D60VC80 Datasheet
88Kb / 2P
Silicon-Twin-Rectifiers
More results

Similar Description - D60VC80

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
Silicon-Twin Rectifiers Center tap
logo
NEC
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Diotec Semiconductor
D60VC20 DIOTEC-D60VC20_06 Datasheet
88Kb / 2P
Silicon-Twin-Rectifiers
DD810 DIOTEC-DD810 Datasheet
90Kb / 2P
Silicon Twin Rectifiers
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
Silicon-Twin Rectifiers ??Center Tap
logo
Guangdong Juxing Electr...
SS05M JUXING-SS05M Datasheet
896Kb / 4P
Surface Mount Twin Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com