Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLB10050HT-R20M Datasheet(PDF) 3 Page - TDK Electronics

Part # VLB10050HT-R20M
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLB10050HT-R20M Datasheet(HTML) 3 Page - TDK Electronics

  VLB10050HT-R20M Datasheet HTML 1Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 2Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 3Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 4Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 5Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 6Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 7Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 8Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vlb10050_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Power Circuits
Wound Ferrite
FEATURES
High-current SMD inductor.
Low-profile design.
High output processing capacity: Minimal copper loss
High saturation current and low DC resistance.
High operating frequency: Up to 2MHz
APPLICATION
Personal computers, servers (Voltage Regulator Modules, etc.)
Amusement equipment, AV equipment, etc.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of VLB10050 Type
VLB
10050
H
T
-
R12
M
Series name
L×W×H Dimensions
characteristics
Packaging style
Inductance
Inductance
tolerance
(mm max.)
(nH)
10050
10.2×7.0×5.0
T
Taping
R12
120
M
±20%
R30
300
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(g)
VLB10050
–40 to +125
–40 to +125
500
1.40
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com