Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLB10050HT-R20M Datasheet(PDF) 7 Page - TDK Electronics

Part # VLB10050HT-R20M
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLB10050HT-R20M Datasheet(HTML) 7 Page - TDK Electronics

  VLB10050HT-R20M Datasheet HTML 1Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 2Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 3Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 4Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 5Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 6Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 7Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 8Page - TDK Electronics VLB10050HT-R20M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vlb10050_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLB10050 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
100
100000
1000
10000
Frequency(kHz)
40
80
120
160
200
240
280
320
360
400
R12M
R15M
R20M
R30M
Product No.
Manufacturer
4294A
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com