Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS74C2525 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS74C2525
Description  1-to-8 Minimum Skew Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS74C2525 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CGS74C2525 Datasheet HTML 1Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 2Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 3Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 4Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 5Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 6Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 7Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 8Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC Electrical Characteristics for CGS74C and 54AC Family Devices (Continued)
Over recommended operating conditions unless specified otherwise
CGS74C
54AC
CGS74C
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
Leakage Current
VI e VCC GND
(Note 3)
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
(Note 4)
ICC
Maximum Quiescent
55
80
800
800
m
A
VIN e VCC
Supply Current
or GND
(Note 3)
DC Electrical Characteristics for CGS74CT and 54ACT Family Devices
Over recommended operating conditions unless specified otherwise
CGS74CT
54ACT
CGS74CT
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
45
15
20
20
20
V
VOUT e 01V
Input Voltage
55
15
20
20
20
or VCC b01V
VIL
Maximum Low Level
45
15
08
08
08
V
VOUT e 01V
Input Voltage
55
15
08
08
08
or VCC b01V
VOH
Minimum High Level
45
449
44
44
44
VIOUT eb50 mA
Output Voltage
55
549
54
54
54
(Note 2)
VIN e VIL or VIH
45
386
370
376
V
IOH
b
24 mA
55
486
470
476
b
24 mA
VOL
Maximum Low Level
45
0001
01
01
01
VIOUT e 50 mA
Output Voltage
55
0001
01
01
01
(Note 2)
VIN e VIL or VIH
45
036
050
044
V
IOL
24 mA
55
036
050
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
AVI e VCC GND
Leakage Current
ICCT
Maximum ICC Input
55
06
16
15
mA
VI e VCC b 21V
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
(Note 4)
ICC
Maximum Quiescent
55
80
1600
800
m
A
VIN e VCC
Supply Current
or GND
(Note 5)
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com