Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS74C2525 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS74C2525
Description  1-to-8 Minimum Skew Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS74C2525 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CGS74C2525 Datasheet HTML 2Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 3Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 4Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 5Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 6Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 7Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 8Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 9Page - National Semiconductor (TI) CGS74C2525 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e 50V
CPD
Power Dissipation Capacitance (’2525)
820 pF – 12 x 10b18 (f)
pF
VCC e 50V
CPD
Power Dissipation Capacitance (’2526)
820 pF – 12 x 10b18 (f)
pF
VCC e 50V
f e frequency
Recommended Maximum Power Dissipation (W)
LFPM
TA e 25 CTA e 85 C
PDIP
SOIC
PDIP
SOIC
0
1105
0858
0528
041
225
1493
1055
0714
0504
500
171
1210
0820
0578
Timing Diagrams
TLF10684 – 27
TLF10684 – 28
Test Circuit
TLF10684 – 29
RL is 500X
CL is 50 pF for all prop delays and skew measurements
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com